Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 953 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 953 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-29
17.3.1.19 Port General Control Command and Status Register (PGCCSR)
The PGCCSR, shown in Figure 17-21, reflects the state of the RapidIO port.
Table 17-25 describes the fields of the PGCCSR.
17.3.1.20 Port Link Maintenance Request Command and Status Register
(PLMREQCSR)
A write to the PLMREQCSR, shown in Figure 17-22, generates a link-request control symbol on
the RapidIO port interface. See the Parallel RapidIO Interconnect Specification for descriptions
of the reset command, input-status command and send-training commands.
0
123
31
R
H M D
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
Reset
(Value from configuration pins)_0000_0000_0000_0000_0000_0000_0000
Offset
0xC_013C
Figure 17-21. Port General Control Command and Status Register (PGCCSR)
Table 17-25. PGCCSR Field Descriptions
Bits
Name
Description
0
H
A host device is a device that is responsible for system exploration, initialization, and maintenance.
Agent (or slave) devices are initialized by host devices. Initialized from the host/agent configuration pin;
If host is sampled, H is set as host.
0 Agent device
1 Host device
1
M
Master enable bit. Controls whether or not a device is allowed to issue requests into the system. If the
master enable is not set, the device may only respond to requests. Initialized from the host/agent
configuration pin. Out of reset, if configured as a host (PGCCSR[H] is set), M and D are also set. If
configured as an agent (PGCCSR[H] is cleared), M and D are initialized by the host of the system.
0 Device is not enabled to issue requests into the system
1 Device is enabled to issue requests into the system
2
D
Discovery enable bit. This device has been located by the processing element responsible for system
configuration. Initialized from the host/agent configuration pin. Out of reset, if configured as a host
(PGCCSR[H] is set), bits M and D are also set. If configured as an agent (PGCCSR[H] is cleared), bits
M and D are initialized by the host of the system.
0 Device has not been discovered by system host
1 Device has been discovered by system host
3–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com