Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 949 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 949 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-25
Table 17-18 describes the fields of the LCSBA1CSR.
17.3.1.13 Base Device ID Command and Status Register (BDIDCSR)
Figure 17-15 shows the BDIDSCR.
Table 17-19 describes the fields of the BDIDCSR.
0
1
14 15
31
R0
LCSBA
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC_005C
Figure 17-14. Local Configuration Space Base Address 1 Command and Status
Register (LCSBA1CSR)
Table 17-18. LCSBA1CSR Field Descriptions
Bits
Name
Description
0—
Reserved
1–14
LCSBA Local configuration space base address. These bits correspond to the 14 most-significant bits of the
34-bit RapidIO address space.
15–31
—
Reserved
07
8
15 16
31
R 0
0
0
0
0
0
0
0
BDID
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
Reset
0000_0000_(Value from configuration pins)_0000_0000_0000_0000
Offset
0xC_0060
Figure 17-15. Base Device ID Command and Status Register (BDIDCSR)
Table 17-19. BDIDCSR Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–15
BDID
Base device ID (RapidIO device ID). Value read from reset configuration pins.
For more information on the RapidIO device ID, see Section 4.4.3.11,
“RapidIO Device ID.”
16–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com