Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 951 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 951 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 947Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 948Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 949Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 955Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 951 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-27
Table 17-21 describes the field of the CTCSR.
17.3.1.16 8/16 LP-LVDS Port Maintenance Block Header 0 Command and
Status Register (PMBH0CSR)
The port maintenance block header 0 command and status register, shown in Figure 17-18,
contains the extended features pointer to the next extended features block and the extended
features ID that identifies this as the generic end point port maintenance block header.
Table 17-22 describes the fields of the PMBH0CSR.
17.3.1.17 Port Link Time-Out Control Command and Status Register
(PLTOCCSR)
The PLTOCCSR, shown in Figure 17-19, contains the time-out timer value used to monitor link
events, for example, between sending a packet and receiving the corresponding acknowledge.
Alternately, it can contain the value of the timer time-out between sending a link-request and
receiving the corresponding link-response. The reset value is the maximum time-out interval and
represents between three and five seconds.
Table 17-21. CTCSR Field Descriptions
Bits
Name
Description
0–31
CT
Component tag. Identifying component tag for the RapidIO block.
015 16
31
R
EF_PTR
EF_ID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0010
Offset
0xC_0100
Figure 17-18. 8/16 LP-LVDS Port Maintenance Block Header 0 Command and Status
Register (PMBH0CSR)
Table 17-22. PMBH0CSR Field Descriptions
Bits
Name
Description
0–15
EF_PTR Extended features pointer. Points to the next extended features block. 0x0000 for the MPC8540.
16–31
EF_ID
Extended features ID. Identifies this as the generic end point port maintenance block header. 0x0002 for
the MPC8540.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com