Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 955 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 955 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 959Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-31
17.3.1.22 Port Local AckID Status Command and Status Register (PLASCSR)
A read from the PLASCSR returns the local ackID status for both the outbound and inbound
RapidIO ports. Figure 17-24 shows the PLASCSR.
Table 17-28 describes the fields of the PLASCSR.
17.3.1.23 Port Error and Status Command and Status Register (PESCSR)
The PESCSR contains port error and status information. Figure 17-25 shows the PESCSR.
25–27
AS
AckID status. This is the ackID status field from the link-response control symbol.
28–31
LS
Link status. This is the link status field from the link-response control symbol.
04
5
7
8
15 16
23 24
28 29
31
R 0
0
0
0
0
IA
0
0
0
0
0
0
0
0
OUTA
0
0
0
0
0
OBA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC_0148
Figure 17-24. Port Local AckID Status Command and Status Register (PLASCSR)
Table 17-28. PLASCSR Field Descriptions
Bits
Name
Description
0–4
—
Reserved
5–7
IA
Input port next expected ackID value
8–15
—
Reserved
16–23 OUTA Outstanding unacknowledged ackIDs. A set bit indicates that the corresponding ackID value is used
in a packet to an attached device but a corresponding acknowledge control symbol has not been
received (read-only field).
24–28
—
Reserved
29–31
OBA
Outbound ackID. Output port next transmitted ackID value. Software writing this value can force
re-transmission of outstanding unacknowledged packets ti manually implement error recovery. OBA
can only be written by software when the RapidIO port is enabled.
Table 17-27. PLMRESPCSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com