Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 959 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 959 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 963Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 959 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-35
Table 17-31 describes the fields of the CR.
17.3.2.1.2 Port Configuration Register (PCR)
The PCR contains configuration information regarding port behavior of the RapidIO controller.
Figure 17-28 shows the PCR.
Figure 17-28. Port Configuration Register (PCR)
Table 17-32 describes the fields of the PCR.
17.3.2.1.3 Port Error Injection Register (PEIR)
RapidIO error injection registers, shown in Figure 17-29, offer a simple way to inject errors into
an outbound packet or a control symbol. The error injection register for the target port is loaded
with control information for injecting an error in a packet stream or control symbol. After the
register is written, the hardware starts to count up to the programmed number of words and, upon
reaching that number, an error is injected in the specified byte using the byte mask. The error is
Table 17-31. CR Field Descriptions
Bits
Name
Description
0–30
—
Reserved
31
AA
Accept all. Note: Must initially be cleared by the user as part of initialization
0 Detect an error upon receiving a packet with a target ID not equal to its own
1 All packets are accepted without checking the target ID.
0
26
27
28
31
R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0
CCE
0
0 0
0
W
Reset
0000_0000_0000_0000_0000_0000_0001_0000
Offset
0xD_0010
Table 17-32. PCR Field Descriptions
Bits
Name
Description
0–26
—
Reserved
27
CCE
CRC checking enable. Note that a read that attempts to access an unmapped target causes the
assertion of core_fault_in, which causes the core to generate a machine check interrupt, unless it is
disabled (by clearing HID1[RFXE]). If RFXE is zero and this error occurs, PCR[CCE] must be set to
ensure that an interrupt is generated. For more information, see Section 6.10.2, “Hardware
Implementation-Dependent Register 1 (HID1).”
0 No CRC is checked on received packets.
1 CRC is checked on received packets.
28–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com