Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 961 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 961 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 965Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 961 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-37
17.3.2.2.1 RapidIO Outbound Window Translation Address Registers 0–8
(ROWTARn)
The RapidIO outbound window translation address registers (ROWTARs) select the starting
addresses in the external address space for window hits within the outbound translation windows.
The new translated address is created by concatenating the transaction offset to this translation
address. The target ID is formed from the top eight bits of the translated address. This register takes
on one of two formats, determined by the RDTYP and WRTYP fields in the corresponding
attributes register (ROWARn), one for standard operations and one for maintenance operations.
See Section 17.7.1, “Outbound ATMU Translation,” for more information. Figure 17-30 shows
the ROWTARs as used in standard operations.
Figure 17-30. RapidIO Outbound Window Translation Address Registers 0–8 for Standard
Transactions (
ROWTARn)
Table 17-34 describes the fields of the ROWTARs for standard operations.
0
1
2
9
10
11
12
31
R0
0
TRGTID
TREXAD
TRAD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset 0xD_0C00, 0xD_0C20, 0xD_0C40, 0xD_0C60, 0xD_0C80, 0xD_0CA0, 0xD_0CC0, 0xD_0CE0, 0xD_0D00
Table 17-34. ROWTARn Standard Field Descriptions
Bits
Name
Description
0–1
—
Reserved
2–9
TRGTID Target ID for RapidIO packet
10–11
TREXAD Translation extended address of outbound window
The translation extended address correspond to bits 0–1 of the 34-bit RapidIO address.
12–31
TRAD
Translation address of outbound window
System address that represents the starting point of the outbound translated address. The
translation address must be aligned based on the size field. The translation address corresponds to
bits 2–21 of the 34-bit RapidIO address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com