Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 960 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 960 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 964Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 960 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-36
Freescale Semiconductor
RapidIO Interface
injected once and the enable bit is cleared if error injection is enabled and SE is not set. The error
is injected continuously if both EN and SE are set. It stops if software clears the enable bit. After
setting the enable bit, software can monitor the injection of the error by polling the register and
observing the enable bit being cleared.
Figure 17-29. Port Error Injection Register (PEIR)
Table 17-33 describes the fields of the PEIR.
17.3.2.2 ATMU Registers
Although the Parallel RapidIO Interconnect Specification allows for 48- and 64-bit addresses, the
MPC8540 implementation only allows for 34-bit RapidIO addresses. ATMU window misses use
the window 0 register set by default. Overlapping window hits result in the use of the lowest
number window register set hit. For both inbound and outbound translation, the smallest window
size is 4 Kbytes and the largest window size is 4 Gbytes. See Section 17.7, “ATMU (Address
Translation and Mapping Unit),” for more information.
0
7
8
1516
232425 26 27
28
29
30
31
R
BM
0
0
0 0
0 0
0
0
WC
BC
0
0
EM SE SS EN
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_0014
Table 17-33. PEIR Field Descriptions
Bits
Name
Description
0–7
BM
Byte mask. Indicates on which bit of the byte to inject error
8–15
—
Reserved
16–23
WC
Word count. Number of words to count before injecting error
24–25
BC
Byte count. Byte within the specified word count on which to inject error
26–27
—
Reserved
28
EM
Error mirror. Setting EM when BC is 00 causes the error to be mirrored to 10 and when BC is 01, the
error is mirrored to 11. This gives better flexibility for error injection. For example, an EOP symbol can
be converted to a STOMP symbol using this bit. Setting EM when BC is 10 or 11 causes an illegal
condition.
29
SE
Software enable. If SE and EN are set, an error continues to be injected until EN is cleared by software.
30
SS
Symbol select. Packet or control symbol selection
0 Inject error in a packet.
1 Inject error in a control symbol.
31
EN
Enabled to start counting and inject error at the specified word count, byte within the word, and bit
within the byte. Hardware injects error and clears this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com