Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 963 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 963 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 967Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 963 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-39
Table 17-36 describes the fields of the ROWBARs.
17.3.2.2.3 RapidIO Outbound Window Attributes Registers 0–8 (ROWARn)
The RapidIO outbound window attributes registers (ROWARs) define the window size to translate
and other attributes for the translation. The largest window size allowed is 4 Gbytes. Figure 17-33
and Figure 17-34 show the ROWARs.
Figure 17-33. RapidIO Outbound Window Attributes Register 0
(ROWAR0)
Figure 17-34. RapidIO Outbound Window Attributes Registers 1–8
(ROWARn)
Table 17-37 describes the fields of the ROWARs.
Table 17-36. ROWBARn Field Descriptions
Bits
Name
Description
0–11
—
Reserved
12–31
BADD Base address of outbound window. Source address that is the starting point for the outbound
translation window. The window must be aligned based on the size selected in the window size bits.
This corresponds to bits 0–19 of a 32-bit address.
0
1
3
4
5
6
7
11 12
15 16
19 20
25 26
31
REN 0
0
0
TFLOLV PCI
0 000 0
RDTYP
WRTYP
00 0000
SIZE
W
Reset
1000_0000_0000_0100_0100_0000_0001_1111
Offset
0xD_0C10
0
1
3
4
5
6
7
11 12
1516
1920
25 26
31
R
EN
00
0
TFLOLV PCI
00
0
0
0
RDTYP
WRTYP
000000
SIZE
W
Reset
0000_0000_0000_0100_0100_0000_0001_1111
Offset
0xD_0C30, 0xD_0C50, 0xD_0C70, 0xD_0C90, 0xD_0CB0, 0xD_0CD0, 0xD_0CF0, 0xD_0D10
Table 17-37. ROWARn Field Descriptions
Bits
Name
Description
0
EN
Window address translation enable. Note that for ROWAR0 this bit is read-only and hardwired to 1.
0 Address translation disabled
1 Address translation enabled
1–3
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com