Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 967 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 967 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 971Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-43
17.3.2.3 Error Management Registers
RapidIO error management registers allow configuration of RapidIO error detection, capture, and
reporting. Bits in the port notification/fatal error detect register (PNFEDR) report which port
notification or error was detected, subject to individual detection enable bit settings in the port
notification/fatal error detect disable register (PNFEDiR). Upon detecting a port notification or
8–11
TGINT
Target interface
0000 PCI/PCI-X
0001–1110 Reserved
1111 Local memory (DDR SDRAM, local bus controller (LBC), L2 cache/SRAM)
Note: If TGINT is set to an I/O port (for example, PCI/PCI-X) rather than local memory space, attributes
for the external I/O transaction are assigned in an outbound ATMU of that I/O controller.
12–15 RDTYP Read transaction type. Transaction type to run if access is a read. The field description depends on the
target of the transaction (to I/O interface or to local memory).
Following are the transaction type settings for reads from the PCI/PCI-X interface:
0000–0011 Reserved
0100 Read
0101–1111 Reserved
The following are the transaction type settings for reads from local memory:
0000–0011 Reserved
0100 Received read; do not snoop processor core (e500)
0101 Received read; snoop processor core (e500)
0110 Reserved
0111 Received read; unlock L2 cache line
1000–1111 Reserved
16–19 WRTYP Write transaction type. Transaction type to run if access is a write. The field description depends on the
target of the transaction (to I/O interface or to local memory).
Following are the transaction type settings for writes to the PCI/PCI-X interface:
0000–0011 Reserved
0100 Write
0101–1111 Reserved
Following are the transaction type settings for writes to local memory:
0000–0011 Reserved
0100 Received write; don’t snoop processor core (e500)
0101 Received write; snoop processor core (e500)
0110 Received write; allocate L2 cache line
0111 Received write; allocate and lock L2 cache line
1000–1111 Reserved
20–25
—
Reserved
26–31
SIZE
Inbound window size. Inbound window size N which is the encoded 2n+1 bytes window size. The
smallest window size is 4 Kbytes. The largest window size is 4 Gbytes.
00_0000–00_1010 Reserved
00_1011 4 Kbytes
00_1100 8 Kbytes
...
01_1111 4 Gbytes
10_0000–11_1111 Reserved
Table 17-40. RIWARn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com