Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 966 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 966 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 970Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 966 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-42
Freescale Semiconductor
RapidIO Interface
Table 17-39 describes the fields of the RIWBARs.
17.3.2.2.6 RapidIO Inbound Window Attributes Registers 0–4 (RIWARn)
The RapidIO inbound window attributes registers (RIWARs) define the window size to translate
and other attributes for the translation. The largest window size allowed is 4 Gbytes. Figure 17-38
and Figure 17-37 show the RIWARs.
Figure 17-37. RapidIO Inbound Window Attributes Register 0 (RIWAR0)
Figure 17-38. RapidIO Inbound Window Attributes Registers 1–4
(RIWARn)
Table 17-40 describes the fields of the RIWARs.
Table 17-39.
RIWBARn Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–11
BEXAD Base extended address of inbound window. Field represents bits 0–1 of a 34-bit address.
12–31
BADD
Base address of inbound window. Source address that is the starting point for the inbound translation
window. The window must be aligned based on the size selected in the window size bits. This
corresponds to bits 2–21 of a 34-bit address.
0
1
7
8
11 12
15 16
19 20
25 26
31
R EN 0
0
00000
TGINT
RDTYP
WRTYP
000000
SIZE
W
Reset
1000_0000_0000_0100_0100_0000_0001_1111
Offset
0xD_0DF0
0
1
7
8
11 12
15 16
19 20
25 26
31
R
EN
00
0
0
0
0
0
TGINT
RDTYP
WRTYP
000000
SIZE
W
Reset
0000_0000_0000_0100_0100_0000_0001_1111
Offset
0xD_0DD0, 0xD_0DB0, 0xD_0D90, 0xD_0D70
Table 17-40. RIWARn Field Descriptions
Bits
Name
Description
0
EN
Window address translation enable. Note that for RIWAR0 the enable bit is read only and hardwired to 1.
0 Address translation disabled
1 Address translation enabled
1–7
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com