Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 969 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 969 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 973Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 969 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-45
2
OAXE
Outbound ATMU window crossing error. (Bit reset, write-one-to-clear)
0 No outbound window crossing error
1 This error indicates that an outbound transaction either crosses the boundary of its ATMU window
or crosses into a higher priority ATMU window.
3–5
—
Reserved
6
ITE
Illegal transaction target error. (Bit reset, write-one-to-clear)
0 No illegal transaction detected
1 Received a packet whose target ID does not match the RapidIO controller deviceID determined at
POR while accept_all mode is disabled
7
MSE
Message size error. (Bit reset, write-one-to-clear)
0 No message size error detected
1 Received message packet data payload is not of the size specified in the ssize field (with the
exception of the last packet which may be less)
8
NTIE
Missing idle after training. (Bit reset, write oneto clear)
0 Idle received after a requested training sequence
1 Idle not received after a requested training sequence completes
9
SE
Message segment error. (Bit reset, write-one-to-clear)
0 No message segment error.
1 Received a message packet with the segment field greater than the message length field
(msgseg > msglen)
10
DSE
Duplicate message segment. (Bit reset, write-one-to-clear)
0 No duplicate message segment received
1 Received a duplicate message segment from RapidIO
11
MLE
Message length error. (Bit reset, write-one-to-clear)
0 No message length error detected
1 Received a message packet with the same mailbox, letter, and source ID as the current outstanding
(not completed) message, but with a different message length.
12
ETE
Error recovery threshold error. (Bit reset, write-one-to-clear)
0 No error recovery threshold error detected
1 Error recovery threshold count (defined in PERTR[RCTT]) exceeded
13
RTE
Retry threshold error. (Bit reset, write-one-to-clear)
0 No retry threshold error detected
1 Consecutive ack retry control symbols received threshold count (defined in PRTR[RTT]) exceeded
14
RERE
Received request ERROR response. (Bit reset, write-one-to-clear)
0 No ERROR response received
1 Received a response of type error for anything other than a message
15
LTE
Link response time-out. (Bit reset, write-one-to-clear)
0 No link response time-out
1 A link response is not received within the time-out interval, as defined by PLTOCCSR[TV].
16
RSTE
Packet response time-out. (Bit reset, write-one-to-clear)
0 No packet response time-out
1 A packet response is not received within the time-out interval, as defined by PRTOCCSR[TV].
17
NAE
Nonsensical ackID. (Bit reset, write-one-to-clear)
0 AckID OK
1 Unrecognized ackID received with link response
Table 17-41. PNFEDR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com