Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 970 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 970 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 974Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 970 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-46
Freescale Semiconductor
RapidIO Interface
18
IRFE
Illegal request fields
0 Request packet fields OK
1 Illegal combinations of fields in the request packet. (Bit reset, write-one-to-clear)
19
URDE
Unexpected request data
0 Request data OK
1 Read type with a data payload. (Bit reset, write-one-to-clear).
20
URE
Unsupported request
0 Packet format type OK
1 Unsupported packet format type or transport type. (Bit reset, write-one-to-clear)
21
URSE
Unexpected request size
0 Packet data size OK
1 Packet data is not expected size with respect to the packet size bits (it reset, write-one-to-clear)
22
IWRE
Illegal write request
0 Write request OK
1 Write type with no data payload. (Bit reset, write-one-to-clear)
23
IRSFE
Illegal response fields
0 Response packet OK
1 Illegal combinations of fields in the response packet. (Bit reset, write-one-to-clear)
24
IRTE
Illegal response type
0 Response type OK
1 Illegal response for a given request type. (Bit reset, write-one-to-clear)
25
BRRE
Bad read response
0 Read response OK
1 Read data response with no data payload. (Bit reset, write-one-to-clear)
26
BWRE
Bad write response
0 Write response OK
1 Write response with a data payload. (Bit reset, write-one-to-clear)
27
URSSE Unexpected response data size
0 Response packet size OK
1 Response packet data is not expected size. (Bit reset, write-one-to-clear)
28
URESE Unsolicited response without data
0 No response without data condition
1 A response without data is received if there exists no outstanding request matching that TID. (Bit
reset, write-one-to-clear).
29
URSDE Unsolicited response with data
0 No unsolicited response with data condition
1 A response with data is received if there exists no outstanding request matching that TID. (Bit reset,
write-one-to-clear)
30
MERE
Message error response
0 No message error response
1 Received a response of type error for an outbound message packet. (Bit reset, write-one-to-clear)
31
MDFE
Message descriptor fetch error
0 No message descriptor fetch error
1 A message descriptor fetch from local memory results in an error. (Bit reset, write-one-to-clear)
Table 17-41. PNFEDR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com