Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 968 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 968 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 968Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 969Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 970Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 972Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 968 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-44
Freescale Semiconductor
RapidIO Interface
error, an interrupt is generated subject to the interrupt enable bit settings in the port
notification/fatal error interrupt enable register (PNFEIER); the port error capture status register
(PECSR) indicates whether a valid packet was captured when the port notification or fatal error
occurred. If a packet is captured (PECSR[V] is set), packet information may be found in the error
packet capture registers (EPCRn). The packet format type, as captured in EPCR0[PFT],
determines the format of the remaining packet data captured in EPCR1 and EPCR2.
Bits in the port recoverable error detect register (PREDR) report which recoverable errors have
been detected.
The port error recovery threshold register (PERTR) and the port retry threshold register (PRTR)
allow software to assign and monitor the recovery and retry thresholds, which are referenced by
hardware before reporting a recovery error (PNFEDR[ETE]) or a retry error (PNFEDR[RTE]).
17.3.2.3.1 Port Notification/Fatal Error Detect Register (PNFEDR)
The PNFEDR, shown in Figure 17-39, reflects individual port notifications and fatal errors that
the RapidIO controller has detected. Each bit is cleared when a 1 is written to it.
Figure 17-39. Port Notification/Fatal Error Detect Register (PNFEDR)
Table 17-41 describes the fields of the PNFEDR.
0
1
2
3
5
6
7
8
9
10
111213
14
15
R
MFE IAXE OAXE
0
0
0
ITE
MSE NTIE
SE
DSE
MLE
ETE
RTE
RERE
LTE
W
Reset
0000_0000_0000_0000
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
RSTE NAE IRFE URDE URE URSE IWRE IRSFE IRTE BRRE BWRE URSSE URESE URSDE MERE MDFE
W
Reset
0000_0000_0000_0000
Offset
0xD_0E00
Table 17-41. PNFEDR Field Descriptions
Bits
Name
Description
0
MFE
Multiple fatal errors. (Bit reset, write-one-to-clear)
0 Multiple fatal RapidIO errors of the same type were not detected.
1 Multiple fatal RapidIO errors of the same type were detected.
1
IAXE
Inbound ATMU window crossing error. (Bit reset, write-one-to-clear)
0 No inbound window crossing error
1 This error indicates that an inbound transaction either crosses the boundary of its ATMU window or
crosses into a higher priority ATMU window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com