Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 964 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 964 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 961Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 962Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 963Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 964Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 965Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 966Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 967Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 968Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 964 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-40
Freescale Semiconductor
RapidIO Interface
17.3.2.2.4 RapidIO Inbound Window Translation Address Registers 0–4
(RIWTARn)
The RapidIO inbound window translation address registers (RIWTARs), shown in Figure 17-35,
select the starting addresses in the internal address space for window hits within the inbound
translation windows. The new translated address is created by concatenating the transaction offset
to this translation address. See Section 17.7.2, “Inbound ATMU Translation,” for more
information.
4–5
TFLOLV Transaction flow level priority of transaction
00 Lowest priority transaction request flow
01 Next highest priority transaction request flow
10 Highest priority level transaction request flow
11 Reserved
6
PCI
Follow PCI transaction ordering rules
0
Do not follow PCI transaction ordering rules.
1
Follow PCI transaction ordering rules (elevate write priority one level over reads).
7–11
—
Reserved
12–15
RDTYP Read transaction type. Transaction type to run on RapidIO interface if access is a read. See
Section 17.7.1.2, “Outbound Special Transactions and Requirements,” for more information on
maintenance transactions.
0000–0001Reserved
0010 I/O read home
0011 Reserved
0100 nread
0101–0110Reserved
0111 Maintenance read
1000–1011Reserved
1100 atomic_inc
1101 atomic_dec
1110 atomic_set
1111 atomic_clr
16–19
WRTYP Write transaction type. Transaction type to run on RapidIO interface if access is a write. See
Section 17.7.1.2, “Outbound Special Transactions and Requirements,” for more information on
maintenance and doorbell transactions.
0000 Reserved
0001 Flush with data
0010 Doorbell
0011 swrite
0100 nwrite
0101 nwrite_r
0110 Reserved
0111 Maintenance write
1000–1111Reserved
20–25
—
Reserved
26–31
SIZE
Outbound window size. Outbound window size n which is the encoded 2n+1-byte window size. The
smallest window size is 4 Kbytes; the largest is 4 Gbytes.
00_0000–00_1010 Reserved
00_1011 4 Kbytes
00_1100 8 Kbytes
...
01_1111 4 Gbytes
10_0000–11_1111 Reserved
Table 17-37. ROWARn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com