Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 957 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 957 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 960Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 961Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 957 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-33
17.3.1.24 Port Control Command and Status Register (PCCSR)
The PCCSR contains bits used for port control. Figure 17-26 shows the PCCSR.
Table 17-30 describes the fields of the PCCSR.
29
PE
Input port error. (Bit reset, write-one-to-clear)
0 Input port operating properly
1 Input port encountered an unrecoverable error or output port failed error recover
30
PO
Port initialization (read-only)
0 Input or output port not initialized
1 Input and output ports are initialized and can communicate with the adjacent device.
31
PU
Port training mode (read-only)
Note: Set shortly after reset due to asynchronous interface crossing delay
0 Input and output ports initialized
1 Input and output ports are not initialized and are in training mode
01
2
3
4
5
6
7
8
9
31
R OPW
OPE OPD
0 IPW
IPE IPD
0 ECD 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
W
Reset
0100_0100_0000_0000_0000_0000_0000_0000
Offset
0xC_015C
Figure 17-26. Port Control Command and Status Register (PCCSR)
Table 17-30. PCCSR Field Descriptions
Bits
Name
Description
0
OPW Operating width of the output port (read-only field)
0 Port operating in 8-bit mode
1Reserved
1
OPE
Output port transmit enable. Must equal the value of PCCSR[IPE] for the RapidIO controller to function
properly.
0 Port is stopped and not enabled to issue any packets except to respond to maintenance packets
1 Port is enabled to issue any packets
2
OPD
Output port drivers disable
0 Input receiver and/or output driver are enabled
1 Both the input receivers and output drivers are disabled.
3—
Reserved
4
IPW
Operating width of the input port (read-only field)
0 Port operating in 8-bit mode
1Reserved
Table 17-29. PESCSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com