Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 954 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 954 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 950Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 951Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 958Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-30
Freescale Semiconductor
RapidIO Interface
Table 17-26 describes the fields of the PLMREQCSR.
17.3.1.21 Port Link Maintenance Response Command and Status Register
(PLMRESPCSR)
A read from the PLMRESPCSR, shown in Figure 17-23, returns the status received in a
link-response control symbol.
Table 17-27 describes the fields of the PLMRESPCSR.
0
28 29
31
R 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC_0140
Figure 17-22. Port Link Maintenance Request Command and Status Register
(PLMREQCSR)
Table 17-26. PLMREQCSR Field Descriptions
Bits
Name
Description
0–28
—
Reserved
29–31
C
Command. This is the command to be sent in the link-request control symbol.
See Table 17-85 for command symbol formats.
01
24 25
27 28
31
R RV 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AS
LS
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC_0144
Figure 17-23. Port Link Maintenance Response Command and Status Register
(PLMRESPCSR)
Table 17-27. PLMRESPCSR Field Descriptions
Bits
Name
Description
0
RV
Response valid (clear on read)
0 If the link-request caused a link-response, the link-response has not yet been received. If the
link-request did not cause a link-response, the link-request has not yet been transmitted.
1 If the link-request caused a link-response, the link-response has been received and the status fields
are valid. If the link-request did not cause a link-response, the link-request has been transmitted.
1–24
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com