Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 956 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 956 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 952Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 953Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 954Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 955Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 956Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 957Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 958Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 959Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 960Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 956 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-32
Freescale Semiconductor
RapidIO Interface
Table 17-29 describes the fields of the PESCSR.
0
10
11
12
131415
16
20
21
22
23
24
27 28
29
30
31
R 0 0 0 0 0 0 0 0 0 0 0
ORE
OR ORS
OEE
OES 0 0 0 0 0 IRS
IEE
IES 0 0 0 0 PP
PE
PO PU
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC_0158
Figure 17-25. Port Error and Status Command and Status Register (PESCSR)
Table 17-29. PESCSR Field Descriptions
Bits
Name
Description
0–10
—
Reserved
11
ORE
Output port retry condition
0 Output port operating normally
1 Output port encountered a retry condition. Set when ORS is set. (Bit reset, write-one-to-clear)
12
OR
Output port retry (read-only field). (Bit reset, write-one-to-clear)
0 Output port received a packet-accepted or packet-not-accepted control symbol
1 Output port received a packet retry and cannot make forward progress. Set when ORS is set
13
ORS
Output port retry stop (read-only field)
0 Output port operating normally
1 Output port is stopped due to a retry
14
OEE
Output port error encounter. (Bit reset, write-one-to-clear)
0 Output port operating normally
1 Output port encountered an error. Set when OES is set
15
OES
Output port error stop (read-only field)
0 Output port operating normally
1 Output port is stopped due to a transmission error
16–20
—
Reserved
21
IRS
Input port retry stop (read-only field)
0 Input port operating normally
1 Input port is stopped due to a retry condition
22
IEE
Input port error encounter. (Bit reset, write-one-to-clear)
0 Input port operating normally
1 Input port encountered a transmission error. Set when IES is set
23
IES
Input port error stop (read-only field)
0 Input port operating normally
1 Input port is stopped due to a transmission error
24–27
—
Reserved
28
PP
Input clock toggling (read-only field)
Note: Set shortly after reset, due to asynchronous interface crossing and clock detection delay
0 Input clock pin is not toggling
1 Input clock pin is toggling. (There is a device attached.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com