Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 943 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 943 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 946Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 947Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 943 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-19
17.3.1.8 Destination Operations Capability Register (DOCAR)
The DOCAR, shown in Figure 17-10, describes RapidIO I/O operations that this device can
service. See the Parallel RapidIO Interconnect Specification for additional details.
19
NWR Nwrite_r operation. (Write non-sharable memory.) Set for the MPC8540.
0 The RapidIO controller cannot initiate an nwrite_r operation.
1 The RapidIO controller can initiate an nwrite_r operation.
20
M
Message operation. (Write to port.) Set for the MPC8540.
0 The RapidIO controller cannot initiate a message operation.
1 The RapidIO controller can initiate a message operation.
21
D
Doorbell operation. (Generate and interrupt.) Set for the MPC8540.
0 The RapidIO controller cannot initiate a doorbell operation.
1 The RapidIO controller can initiate a doorbell operation.
22
—
Reserved
23
ATS
Atomic test and swap operation. Cleared for the MPC8540.
0 The RapidIO controller can initiate an atomic test and swap operation.
1 The RapidIO controller cannot initiate an atomic test and swap operation.
24
AI
Atomic_inc operation. Set for the MPC8540.
0 The RapidIO controller cannot initiate an atomic_inc operation.
1 The RapidIO controller can initiate an atomic_inc operation.
25
AD
Atomic_dec operation. Set for the MPC8540.
0 The RapidIO controller cannot initiate an atomic_dec operation.
1 The RapidIO controller can initiate an atomic_dec operation.
26
AS
Atomic_set operation. Set for the MPC8540.
0 The RapidIO controller cannot initiate an atomic_set operation.
1 The RapidIO controller can initiate an atomic_set operation.
27
AC
Atomic_clr operation. Set for the MPC8540.
0 The RapidIO controller cannot initiate an atomic_clr operation.
1 The RapidIO controller can initiate an atomic_clr operation.
28
—
Reserved
29
PW
Port-write operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate a port-write operation.
1 The RapidIO controller can initiate a port-write operation.
30–31
—
Reserved
Table 17-13. SOCAR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com