Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 939 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 939 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 943Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 939 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-15
17.3.1.4 Assembly Information Capability Register (AICAR)
The AICAR, shown in Figure 17-6, provides additional information about the assembly.
Table 17-10 describes the fields of the AICAR.
17.3.1.5 Processing Element Features Capability Register (PEFCAR)
The PEFCAR, shown in Figure 17-7, identifies major functionality provided by the RapidIO
block.
Table 17-11 describes the fields of the PEFCAR.
015 16
31
R
AR
EFP
W
Reset
0000_0000_0000_0000_0000_0001_0000_0000 (Alternate value may be read from serial ROM)
Offset
0xC_000C
Figure 17-6. Assembly Information Capability Register (AICAR)
Table 17-10. AICAR Field Descriptions
Bits
Name
Description
0–15
AR
Assembly revision. This field states the assembly revision level.
16–31
EFP
Extended features pointer. Pointer to the first entry in the extended features list.
0
1
2
3
4
7
8
9
10
11
12 13
26
27
28
29
31
R B M P S
0
0
0
0 M0 M1 M2 M3 D 0 0 0 0 0 0 0 0 0 0 0 0 0 0 CTLS EF
EAS
W
Reset
1110_0000_1000_1000_0000_0000_0000_1001
Offset
0xC_0010
Figure 17-7. Processing Element Features Capability Register (PEFCAR)
Table 17-11. PEFCAR Field Descriptions
Bits
Name
Description
0
B
Bridge. Set for the MPC8540.
0 The RapidIO controller does not have a DRAM interface.
1 The RapidIO controller has a DRAM interface.
1
M
Memory. Set for the MPC8540.
0 The RapidIO controller does not have local address space.
1 The RapidIO controller has local address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com