Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 935 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 935 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-11
0xD_0CA0 ROWTAR5—RapidIO outbound window translation address
register 5
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0CA8 ROWBAR5—RapidIO outbound window base address register 5
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0CB0 ROWAR5—RapidIO outbound window attributes register 5
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0CC0 ROWTAR6—RapidIO outbound window translation address
register 6
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0CC8 ROWBAR6—RapidIO outbound window base address register 6
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0CD0 ROWAR6—RapidIO outbound window attributes register 6
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0CE0 ROWTAR7—RapidIO outbound window translation address
register 7
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0CE8 ROWBAR7—RapidIO outbound window base address register 7
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0CF0 ROWAR7—RapidIO outbound window attributes register 7
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0D00 ROWTAR8—RapidIO outbound window translation address
register 8
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0D08 ROWBAR8—RapidIO outbound window base address register 8
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0D10 ROWAR8—RapidIO outbound window attributes register 8
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0D60 RIWTAR4—RapidIO inbound window translation address
register 4
R/W
0x0000_0000
17.3.2.2.4/17-40
0xD_0D68 RIWBAR4—RapidIO inbound window base address register 4
R/W
0x0000_0000
17.3.2.2.5/17-41
0xD_0D70 RIWAR4—RapidIO inbound window attributes register 4
R/W
0x0004_401F
17.3.2.2.6/17-42
0xD_0D80 RIWTAR3—RapidIO inbound window translation address
register 3
R/W
0x0000_0000
17.3.2.2.4/17-40
0xD_0D88 RIWBAR3—RapidIO inbound window base address register 3
R/W
0x0000_0000
17.3.2.2.5/17-41
0xD_0D90 RIWAR3—RapidIO inbound window attributes register 3
R/W
0x0004_401F
17.3.2.2.6/17-42
0xD_0DA0 RIWTAR2—RapidIO inbound window translation address
register 2
R/W
0x0000_0000
17.3.2.2.4/17-40
0xD_0DA8 RIWBAR2—RapidIO inbound window base address register 2
R/W
0x0000_0000
17.3.2.2.5/17-41
0xD_0DB0 RIWAR2—RapidIO inbound window attributes register 2
R/W
0x0004_401F
17.3.2.2.6/17-42
0xD_0DC0 RIWTAR1—RapidIO inbound window translation address
register 1
R/W
0x0000_0000
17.3.2.2.4/17-40
0xD_0DC8 RIWBAR1—RapidIO inbound window base address register 1
R/W
0x0000_0000
17.3.2.2.5/17-41
0xD_0DD0 RIWAR1—RapidIO inbound window attributes register 1
R/W
0x0004_401F
17.3.2.2.6/17-42
0xD_0DE0 RIWTAR0—RapidIO inbound window translation address
register 0
R/W
0x0000_0000
17.3.2.2.4/17-40
0xD_0DF0 RIWAR0—RapidIO inbound window attributes register 0
R/W
0x8004_401F
17.3.2.2.6/17-42
Table 17-6. RapidIO Module Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com