Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 932 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 932 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 936Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 932 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-8
Freescale Semiconductor
RapidIO Interface
17.2.2 Detailed Signal Descriptions
Table 17-5 describes the RapidIO interface signals in detail.
Table 17-5. RapidIO Interface Signals—Detailed Signal Descriptions
Signal
I/O
Description
RIO_RCLK
I
Receive clock. Free-running input clock used to capture control and data signals. RIO_RCLK is used
to capture the frame signal RIO_RFRAME and the data bus RIO_RD[0:7]. RIO_RCLK is the
differential pair of RIO_RCLK.
State
Meaning
Asserted/Negated—A clock event is determined as the rising or falling edge of RIO_RCLK.
Timing Assertion/Negation—Free-running clock. See the MPC8540 Integrated Processor
Hardware Specification for specific timing information for this signal.
RIO_RD[0:7]
I
Receive data. The receive data bus RIO_RD[0:7] carries packet information as well as control
symbols. Data is captured on both edges of RIO_RCLK. RIO_RD[0:7] is the differential pair of
RIO_RD[0:7]
State
Meaning
Asserted/Negated—Represents the data being received on the RapidIO interface.
Timing RIO_RD[0:7] data is captured on both the rising and falling edges of RIO_RCLK.
RIO_RFRAME
I
Receive frame. Non return to zero (NRZ) input. It toggles at the beginning of a packet or control
symbol. RIO_RFRAME is the differential pair of RIO_RFRAME.
State
Meaning
Asserted/Negated—Assertion is signalled by a toggling of the signal. Toggling indicates a
special packet framing event on the receive data (RIO_RD) pins.
Timing RIO_RFRAME is sampled with respect to RIO_RCLK.
RIO_TCLK
O Transmit clock out. Free-running output clock which is launched in phase with the output data,
RIO_TD, and the frame signal, RIO_TFRAME. RIO_TCLK should track the data bus RIO_TD[0:7]
through all the associated routing (board, package, and so forth). RIO_TCLK is the differential pair of
RIO_TCLK. See Section 17.1.4.1, “Transmit Clock-Select Mode,” for more information on the source
of the transmit clock.
State
Meaning
Asserted/Negated—A clock event in the transmit domain is determined as the rising or
falling edge of this signal.
Timing Assertion/Negation—RIO_TCLK is a free-running clock. Note that the RIO_TCLK is NOT
phase aligned to the device clock.
RIO_TD[0:7]
O Transmit data. Carries packet information as well as control symbols. The data bus is switched on
both edges of RIO_TCLK. RIO_TD[0:7] is the differential pair of RIO_TD[0:7].
State
Meaning
Asserted/Negated—Represents the data being transmitted on the RapidIO interface.
Timing Assertion of RIO_TD is always performed with a fixed relationship to RIO_TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com