Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 929 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 929 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 933Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-5
•
A message-passing programming model
•
Default and configurable inbound ATMU window
•
Default outbound ATMU window
•
CRC-based error detection (CCITT-CRC16) as described in the 8/16 LP-EP physical
specification
•
256-byte data payloads
•
Packet pacing/retry capability
•
Only the small size transport information field (TT = 0b00)
•
Link validation, error recovery, training, and time-out support as required by the physical
layer specification
•
RapidIO error injection
17.1.3.2 Features Not Implemented
The following portions of the Parallel RapidIO Interconnect Specification are not supported:
•
Large size transport information field (TT = 0b01)
•
TOD-sync control symbols (these are treated as idle control symbols)
•
Atomic swap or atomic test and swap transactions
17.1.4 RapidIO Modes of Operation
This section describes the RapidIO modes of operation.
17.1.4.1 Transmit Clock-Select Mode
The RapidIO transmit clock can be chosen from either an internal source or from the RapidIO
receive clock signal. The clock source is selected at power-on reset, as described in
Section 4.4.3.10, “RapidIO Transmit Clock Source,” and Section 4.4.4.2, “RapidIO Clocks.” Note
that the CCB clock is the clock signal for the rest of the RapidIO block.
17.1.4.2 CRC Checking Modes
RapidIO offers the modes for packet CRC checking shown in Table 17-2. Note that a read that
attempts to access an unmapped target causes the assertion of core_fault_in, which causes the core
to generate a machine check interrupt, unless it is disabled (by clearing HID1[RFXE]). If RFXE
is zero and this error occurs, PCR[CCE] must be set to ensure that an interrupt is generated. For
more information, see Section 6.10.2, “Hardware Implementation-Dependent Register 1 (HID1).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com