Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 925 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 925 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 929Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 925 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-1
Chapter 17
RapidIO Interface
The RapidIO controller conforms to Revision 1.2 of the Parallel RapidIO Interconnect
Specification. This chapter describes the implementation of the parallel RapidIO controller.
17.1 Introduction
The RapidIO controller is partitioned into inbound and outbound blocks, and these blocks are
further partitioned into three implementation layers: physical, protocol, and logical. Note that
these implementation layers do not precisely correlate with the layers described in the Parallel
RapidIO Interconnect Specification. The physical and protocol layers primarily address the
portion of the Parallel RapidIO Interconnect Specification titled “Physical Layer 8/16 LP-EP.”
The logical layer refers primarily to the logical portions of the Parallel RapidIO Interconnect
Specification. The physical layer operates at the RapidIO interface applied frequency, and data is
sampled at twice this frequency. The protocol and logical layers operate at the device frequency.
17.1.1 Overview
A block diagram of The RapidIO controller is shown in Figure 17-1 and includes a RapidIO
interface and a system core interface; those signals are divided into several groups. These groups
include: the RapidIO request, response, ack done, and data transfer interfaces, the system core
request, response and data transfer interfaces, the register access interface, which is used to access
the programming model registers, the interrupt interface, the systems functions interface, and the
performance monitor interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com