Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 927 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 927 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 931Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 927 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-3
The RapidIO inbound interface receives and latches 8 double data rate (DDR) data bits. 64 bits are
accumulated in the asynchronous boundary FIFO and transferred across the asynchronous
boundary into the protocol layer. At the protocol layer, the 64 bits are split into packet header,
packet data, and control symbol information fields. After the packet header information arrives in
the inbound packet assembly logic, packets are stripped of cyclical redundancy check (CRC)
information and other transport information not required by the logical layer. The CRC is checked
at the end of a packet. Packet header information and packet data are then passed to the inbound
logical layer. The header is interpreted by the logical layer and the transaction is stored in the
inbound queue if space is available. The data is held in the inbound data queue until it is transferred
out of the RapidIO controller block and into the device. Some control symbols (acks and link
responses, for example) are passed to the outbound block for processing.
On the outbound side, requests are received from the device at the logical layer and queued in the
outbound queue. Transactions from the outbound queue are scheduled according to priority and
may be steered to the misalign block or directly to the protocol layer if global arbitration is won.
Transactions whose address and data payload are not aligned according to the RapidIO alignment
requirements are sent to the misalign block for processing. The response queue handles responses
from the device for previously received inbound requests and schedules them as transactions out
of the response queue according to priority.
Of all transactions from the outbound queue, misalign block, and the response queue, one is
prioritized subject to global arbitration to be sent to the protocol layer. At the protocol layer, the
packet CRC is performed. The protocol layer logic chooses to transmit either control symbols or
packets on the outbound RapidIO interface. The packets and control symbols are then stored in the
asynchronous boundary FIFO. The physical layer logic then reads 32-bit quantities from the FIFO
and transmits them on the outbound RapidIO interface as 8-bit symbols. While there exist no
packet or control symbols to send, the physical layer sends idle symbols. Idle symbols may also
be inserted in a packet if a throttle request is received on the inbound interface.
The following sections provide greater detail on the organization and operation of RapidIO
functionality. These sections are organized as follows:
•
Section 17.2, “External Signal Descriptions,” describes the interface signal groups, their
meanings, and timing relationships.
•
Section 17.3, “Memory Map/Register Definition,” describes the configuration, runtime,
and debug registers that constitute the programming model.
•
Section 17.4.1, “RapidIO Transaction, Packet, and Control Symbol Summary,” describes
the functional organization and operation of the design.
•
Section 17.5, “RapidIO Functionality,” provides general information about implementing
RapidIO features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com