Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 930 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 930 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 934Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-6
Freescale Semiconductor
RapidIO Interface
.
17.1.4.3 Error Checking Disable Mode
Error checking can be enabled or disabled by setting a bit in the port control CSR. This mode
disables all RapidIO transmission error checking. Device behavior is undefined if error checking
is disabled and an error condition occurs.
17.1.4.4 Output Port Enable Mode
The output port can be disabled by setting a bit in the port control CSR. In this mode, RapidIO
does not issue any packets of its own, except in response to maintenance packets.
17.1.4.5 Output Port Driver Disable Mode
This mode, controlled by PCCSR[OPD], disables RapidIO input receivers and output drivers.
17.1.4.6 Accept All Mode
This mode is controlled by a bit (CR[AA]) in the RapidIO configuration register. While this mode
is enabled, all packets are accepted regardless of the target ID. Table 17-3 describes the behavior
with respect to the accept all mode.
17.1.4.7 Packet Response Time-Out Disable Mode
The RapidIO packet response time-out counters can be disabled by setting a bit in the RapidIO
port notification/fatal error disable register. For more information, see Section 17.3.2.3.2, “Port
Notification/Fatal Error Detect Disable Register (PNFEDiR).”
17.1.4.8 Link Response Time-Out Disable Mode
The RapidIO link time-out counters can be disabled by setting a bit in the RapidIO port
notification/fatal error disable register. For more information, see Section 17.3.2.3.2, “Port
Notification/Fatal Error Detect Disable Register (PNFEDiR).”
Table 17-2. CRC Checking Mode
PCR[CCE]
Mode
0
CRC checking disabled
1
CRC enabled with hardware-based recovery
Table 17-3. Accept All Mode Behavior
Accept All (CR[AA])
Device Behavior for Target ID
≠ Device ID
0
Error reported in PNFEDR[ITE].
1
Accept and process the packet without regard to the target ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com