Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 933 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 933 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 937Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-9
17.3 Memory Map/Register Definition
The memory map for the RapidIO controller is shown in Table 17-6.
RIO_TFRAME
I
Transmit frame. NRZ output. It toggles at the beginning of a packet or control symbol. RIO_TFRAME
is the differential pair of RIO_TFRAME.
State
Meaning
Asserted/Negated—Assertion is signalled by a toggling of the signal. Toggling indicates a
special packet framing event on the transmit data (RIO_TD[0:7]) pins.
Timing RIO_TFRAME is generated with respect to RIO_TCLK.
RIO_TX_CLK_IN
I
Transmit clock in. Externally generated reference clock for the RapidIO transmit domain.
RIO_TX_CLK_IN is the differential pair of RIO_TX_CLK_IN.
Table 17-6. RapidIO Module Memory Map
Offset
Register
Access
Reset
Section/Page
RapidIO Architectural Registers
0xC_0000
DIDCAR—Device identity capability register
R
0x0002_0002
17.3.1.1/17-13
0xC_0004
DICAR—Device information capability register
R
0x8030_0020
17.3.1.2/17-14
0xC_0008
AIDCAR—Assembly identity capability register
R/W
0x0000_0000
17.3.1.3/17-14
0xC_000C AICAR—Assembly information capability register
R/W
0x0000_0100
17.3.1.4/17-15
0xC_0010
PEFCAR—Processing element features capability register
R
0xE088_0009
17.3.1.5/17-15
0xC_0014
SPICAR—Switch port information capability register
R
0x0000_0100
17.3.1.6/17-17
0xC_0018
SOCAR—Source operations capability register
R
0x0600_FCF0
17.3.1.7/17-17
0xC_001C DOCAR—Destination operations capability register
R
0x0600_FCF4
17.3.1.8/17-19
0xC_0040
MSR—Mailbox command and status register
R
0x0000_0000
17.3.1.9/17-22
0xC_0044
PWDCSR—Port-write and doorbell command and status
register
R
0x0000_0020
17.3.1.10/17-22
0xC_004C PELLCCSR—Processing element logical layer control
command and status register
R
0x0000_0001
17.3.1.11/17-24
0xC_0058
Reserved
R
0x0000_0000
—
0xC_005C LCSBA1CSR—Local configuration space base address 1
command and status register
R/W
0x0000_0000
17.3.1.12/17-24
0xC_0060
BDIDCSR—Base device ID command and status register
R/W
0x00nn_0000
17.3.1.13/17-25
0xC_0068
HBDIDLCSR—Host base device ID lock command and status
register
R/W
0x0000_FFFF
17.3.1.14/17-26
0xC_006C CTCSR—Component tag command and status register
R/W
0x0000_0000
17.3.1.15/17-26
0xC_0100
PMBH0CSR—8/16 LP-LVDS port maintenance block header 0
command and status register
R
0x0000_0002
17.3.1.16/17-27
Table 17-5. RapidIO Interface Signals—Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com