Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 937 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 937 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 941Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 937 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-13
17.3.1 Architectural Registers
Following are the architectural registers of the RapidIO module. For additional details of these
registers, refer to the Parallel RapidIO Interconnect Specification.
17.3.1.1 Device Identity Capability Register (DIDCAR)
The DIDCAR is a read-only register that provides information regarding the type of device being
used as well as the vendor who manufactured it. Figure 17-3 describes the DIDCAR.
Table 17-7 describes the fields of the DIDCAR.
0xD_146C DQDPAR—Doorbell queue dequeue pointer address register
R/W
0x0000_0000
17.3.3.3.3/17-79
0xD_1474
DQEPAR—Doorbell queue enqueue pointer address register
R/W
0x0000_0000
17.3.3.3.4/17-80
RapidIO Port-Write Registers
0xD_14E0 PWMR—Port-write mode register
R/W
0x0000_0000
17.3.3.4.1/17-81
0xD_14E4 PWSR—Port-write status register
R/W
0x0000_0000
17.3.3.4.2/17-82
0xD_14EC PWQBAR—Port-write queue base address register
R/W
0x0000_0000
17.3.3.4.3/17-83
015 16
31
R
DI
DVI
W
Reset
0000_0000_0000_0010_0000_0000_0000_0010
Offset
0xC_0000
Figure 17-3. Device Identity Capability Register (DIDCAR)
Table 17-7. DIDCAR Field Descriptions
Bits
Name
Description
0–15
DI
Device identity field. Uniquely identifies the type of device from the vendor specified in the device
vendor identity field. The values of the device identity field are assigned and managed by the vendor.
0x0002—MPC8540
16–31
DVI
Device vendor identity field. Identifies the vendor that manufactured the device. A value is uniquely
assigned to a device vendor by the registration authority of the RapidIO Trade Association.
0x0002—Freescale
Table 17-6. RapidIO Module Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com