Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 938 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 938 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 942Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 938 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-14
Freescale Semiconductor
RapidIO Interface
17.3.1.2 Device Information Capability Register (DICAR)
The DICAR, shown in Figure 17-4, identifies the revision level of the device. The value is
assigned and managed by the vendor specified in DIDCAR[DVI]. DICAR represents a copy of the
device’s system version register (SVR).
Table 17-8 describes the field of the DICAR.
17.3.1.3 Assembly Identity Capability Register (AIDCAR)
AIDCAR, shown in Figure 17-5, provides information regarding the type of assembly or
subsystem being used as well as the vendor who manufactured it.
Table 17-9 describes the fields of the AIDCAR.
0
31
RDR
W
Reset
1000_0000_0011_0000_0000_0000_0010_0000
Offset
0xC_0004
Figure 17-4. Device Information Capability Register (DICAR)
Table 17-8. DICAR Field Description
Bits
Name
Description
0–31
DR
Device revision—Copy of the device’s system version
register (SVR). Draco: 0x8030_0020
015 16
31
R
AI
AVI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000 (Alternate value may be read from serial ROM)
Offset
0xC_0008
Figure 17-5. Assembly Identity Capability Register (AIDCAR)
Table 17-9. AIDCAR Field Descriptions
Bits
Name
Description
0–15
AI
Assembly identity field. The assembly field uniquely identifies the type of assembly or subsystem from the
vendor specified in the assembly vendor identity field. The value of the assembly identity field by default is
all zeros but may be assigned by a boot ROM device.
16–31
AVI
Assembly vendor identity field. The assembly vendor identity field identifies the vendor that manufactured the
assembly or subsystem. A value for the assembly vendor identity field is uniquely assigned to an assembly
vendor by the registration authority of the RapidIO Trade Association. By default, this value is all zeros but
may be assigned by a boot ROM device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com