Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 941 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 941 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 945Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 941 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-17
17.3.1.6 Switch Port Information Capability Register (SPICAR)
The SPICAR, shown in Figure 17-8, defines the RapidIO block’s switching capabilities.
Table 17-12 describes the fields of the SPICAR.
17.3.1.7 Source Operations Capability Register (SOCAR)
The SOCAR, shown in Figure 17-9, reflects the set of RapidIO operations that this device can
initiate. See the Parallel RapidIO Interconnect Specification for details.
015 16
23 24
31
R 0
0
0
0
00000
000000
0
PT
PN
W
Reset
0000_0000_0000_0000_0000_0001_0000_0000
Offset
0xC_0014
Figure 17-8. Switch Port Information Capability Register (SPICAR)
Table 17-12. SPICAR Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–23
PT
Port total. The RapidIO controller has one RapidIO port. (SPICAR[PT] = 0x01)
24–31
PN
Port number. This is the port number from which this register was read. This field is 0 since the MPC8540
has only one port.
0
1
2
3
45678
9
10
15
R
IR
RO
DCI
C
F
IOR
IKI
TIE
TIES
0
0
0
0
0
0
W
Reset
0000_0110_0000_0000
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
NR
NW
SW
NWR
M
D
0
ATS
AI
AD
AS
AC
0
PW
0
0
W
Reset
1111_1100_1111_0000
Offset
0xC_0018
Figure 17-9. Source Operations Capability Register (SOCAR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com