Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 942 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 942 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 944Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 945Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 946Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 942 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-18
Freescale Semiconductor
RapidIO Interface
Table 17-13 describes the fields of the SOCAR.
Table 17-13. SOCAR Field Descriptions
Bits
Name
Description
0
R
Read operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate a read operation.
1 The RapidIO controller can initiate a read operation.
1
IR
Iread operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate an iread operation.
1 The RapidIO controller can initiate an iread operation.
2
RO
Read to own operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate a read to own operation.
1 The RapidIO controller can initiate a read to own operation.
3
DCI
Dkill operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate a dkill operation.
1 The RapidIO controller can initiate a dkill operation.
4
C
Castout operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate a castout operation.
1 The RapidIO controller can initiate a castout operation.
5
F
Flush operation. (Return globally-shared cache line to memory.) Set for the MPC8540.
0 The RapidIO controller cannot initiate a flush operation.
1 The RapidIO controller can initiate a flush operation.
6
IOR
I/O read operation. (Read a non-cachable copy of a globally-shared cache line.) Set for the MPC8540.
0 The RapidIO controller cannot initiate an I/O read operation.
1 The RapidIO controller can initiate an I/O read operation.
7
IKI
Ikill operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate an ikill operation.
1 The RapidIO controller can initiate an ikill operation.
8
TIE
TLBIE operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate a TLBIE operation.
1 The RapidIO controller can initiate a TLBIE operation.
9
TIES
TLBSYNC operation. Cleared for the MPC8540.
0 The RapidIO controller cannot initiate a TLBSYNC operation.
1 The RapidIO controller can initiate a TLBSYNC operation.
10–15
—
Reserved
16
NR
Nread operation. (Read non-sharable memory.) Set for the MPC8540.
0 The RapidIO controller cannot initiate an nread operation.
1 The RapidIO controller can initiate an nread operation.
17
NW
Nwrite operation. (Write non-sharable memory.) Set for the MPC8540.
0 The RapidIO controller cannot initiate an nwrite operation.
1 The RapidIO controller can initiate an nwrite operation.
18
SW
Swrite operation. (Write non-sharable memory.) Set for the MPC8540.
0 The RapidIO controller cannot initiate an swrite operation.
1 The RapidIO controller can initiate an swrite operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com