Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 940 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 940 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 936Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 937Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 938Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 939Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 940Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 941Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 942Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 943Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 944Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 940 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-16
Freescale Semiconductor
RapidIO Interface
2
P
Processor. Set for the MPC8540.
0 The RapidIO controller does not have a processor core.
1 The RapidIO controller has a processor core.
3
S
Switch. Cleared for the MPC8540.
0 The RapidIO controller is a switch.
1 The RapidIO controller is not a switch.
4–7
—
Reserved
8
M0
Mailbox 0. Set for the MPC8540.
0 The RapidIO controller does not support mailbox 0.
1 The RapidIO controller supports mailbox 0.
9
M1
Mailbox 1. Cleared for the MPC8540.
0 The RapidIO controller does not support mailbox 1.
1 The RapidIO controller supports mailbox 1.
10
M2
Mailbox 2. Cleared for the MPC8540.
0 The RapidIO controller does not support mailbox 2.
1 The RapidIO controller supports mailbox 2.
11
M3
Mailbox 3. Cleared for the MPC8540.
0 The RapidIO controller does not support mailbox 3.
1 The RapidIO controller supports mailbox 3.
12
D
Doorbell. Set for the MPC8540.
0 The RapidIO controller does not support inbound doorbells.
1 The RapidIO controller supports inbound doorbells.
13–26
—
Reserved
27
CTLS Common transport route. Cleared for the MPC8540.
0 The RapidIO controller does not support the large common transport route field.
1 The RapidIO controller supports the large common transport route field.
28
EF
Extended features. Set for the MPC8540.
0 The extended features pointer is not valid.
1 The extended features pointer is valid.
29–31
EAS
Extended addressing support. Possesses a value of 001 for the MPC8540.
001 The RapidIO controller supports 34-bit local addresses.
010 Reserved
011 The RapidIO controller supports 50- and 34-bit local addresses.
100 Reserved
101 The RapidIO controller supports 66- and 34-bit local addresses.
110 Reserved
111 The RapidIO controller supports 60-, 50- and 34-bit local addresses.
Table 17-11. PEFCAR Field Descriptions
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com