Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 923 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 923 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 927Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 923 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-101
16.5.3 PCI-X Outbound Read Transaction Alignment
The PCI-X protocol supports only read transactions with byte enables that are 32-bit aligned and
are 32 bits wide. The MPC8540 requires the following:
1. Reads to PCI-X greater than 32 bits must be aligned to a 64-bit boundary and have a size
that is a multiple of 8 bytes.
2. Reads to PCI-X less than or equal to 32 bits must not cross a 32-bit boundary.
A read to PCI-X that is not aligned to a 32-bit boundary that crosses a 32-bit boundary will execute
only to the 32-bit boundary. No mechanism is provided in hardware to split this type of read into
multiple transactions with byte enables on the PCI-X bus.
Care should be taken on the MPC8540 when writing software to meet these alignment restrictions.
16.5.4 PCI-X Inbound Reads that Cross Window Boundaries
For Rev 1 of the MPC8540, inbound PCI-X read requests can cross a window boundary. For
Rev 2, if an inbound PCI-X read request crosses a window boundary, the MPC8540 responds with
a split completion message indicating an error but does not return any data. This is a deviation
from the PCI-X specification which describes that data is returned up to the window boundary.
16.5.5 Bridging Between RapidIO and PCI/X
The MPC8540 does not support bridging from RapidIO according to the RapidIO Interoperability
Specification. If an external RapidIO device tries to target the MPC8540 with a RapidIO
NWRITE-R transaction or with any RapidIO write at a priority level higher than 0, and the
RapidIO inbound ATMU routes the transaction to the PCI/PCI-X interface, the MPC8540 could
deadlock internally.
Therefore, the use of RapidIO NWRITE-R transactions must be avoided in bridging applications
to the PCI/X controller, and all RapidIO writes targeting the PCI/X controller must be of priority
level 0. This means transaction ordering is relaxed because read responses will not necessarily
push posted writes in the bridge, and writes will never bypass read requests. Note that this
specifically precludes the topology where two MPC8540s communicating with each other via PCI
or PCI-X may deadlock when two RapidIO devices (one on each MPC8540) are simultaneously
performing priority-1 writes to targets on the remote MPC8540 through the PCI/X link between
the devices. To support such a topology, RapidIO write transactions that bridge to the other
MPC8540 must be priority 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com