Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 920 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 920 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 924Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-98
Freescale Semiconductor
PCI/PCI-X Bus Interface
Target abort
Trgt abort error
Received target
abort
—
Memory space violation
OWMSV error
—
—
No data transferred. Only 8 bytes are
requested in PCI bus
PCI-X Inbound Read
Detected parity error for
address or attribute
phases
Addr parity error
Detected parity
error, Signaled
system error
—
Split completion error message
generated
Detected parity error on
upper address bits for
address (SAC) or
attribute phases
—
—
—
No PAR64 checks for SAC address or
attribute phases
Detected parity error for
address (DAC) phases
Addr parity error
Detected parity
error, Signaled
system error
—
Split completion error message
generated
Received SERR at any
phase
Rcvd SERR error
—
—
Split completion error message
generated
Internal error
—
—
—
Split completion error message
generated
Memory space violation
IRMSV error
—
—
Split completion error message
generated
Received SERR at any
phase of SC
Rcvd SERR error
—
—
Float AD bus
Received PERR at SC
(data phase)
Trgt PERR error
—
—
Master abort for SC
—
—
—
Target abort for SC
—
—
—
PCI-X Inbound Write
Detected parity error for
address or attribute
phases
Addr parity error
Detected parity
error, Signaled
system error
—
Transaction purged
Detected parity error on
upper address bits for
address (SAC) or
attribute phases
—
—
—
No PAR64 checks for SAC address or
attribute phases
Detected parity error on
upper address bits for
address (DAC) phases
Addr parity error
Detected parity
error, Signaled
system error
—
Transaction purged
Received SERR at any
phase
Rcvd SERR error
—
—
Transaction purged
Detected parity error for
data phase
Trgt PERR error
Detected parity
error
—
Transaction from the point of the error is
purged
Table 16-65. PCI-X Mode Error Actions (continued)
PCI-X Error Type
Error Detect
Register Bit
PCI Bus Status
Register Bit
PCI-X
Status
Register Bit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com