Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 916 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 916 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 920Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 916 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-94
Freescale Semiconductor
PCI/PCI-X Bus Interface
There is a rare situation where an internal access (originating from either the processor core, or
other I/O ports on the device) to the 256-byte PCI-X configuration header may be corrupted by
concurrent outbound PCI-X data transactions. The corruption does not occur if the PCI-X
configuration transactions and the outbound PCI-X data transactions are not concurrent. The
corruption does not occur with inbound PCI-X traffic. This is an issue for any system that mixes
internally generated PCI-X configuration transactions with outbound PCI-X data transactions.
There are two ways to avoid the situation:
1. Ensure that PCI-X configuration transactions are completed before starting PCI-X data
transactions.
2. Ensure that all PCI-X outbound data traffic is quiesced before attempting PCI-X
configuration transactions. The programmer must ensure all of the following:
— Non-configuration transactions to PCI-X from the processor core are quiesced.
— The core is not fetching instructions from PCI-X.
— DMA transactions to PCI-X are quiesced.
— RapidIO bridging transactions to PCI-X are quiesced.
As is the case for PCI configuration accesses, the bus master bit in the MPC8540’s PCI bus
command register must be set before an outbound configuration access is attempted. Figure 16-79
shows the PCI-X type 0 translation function performed on the contents of the PCI CFG_ADDR
register to AD[31:0] on the PCI-X bus during the address phase of the configuration cycle.
Figure 16-79. PCI-X Type 0 Configuration Translation
Compare the PCI-X translation in Figure 16-79 with the PCI configuration translation shown in
Figure 16-66. Note that for PCI-X mode in addition to being used to generate the IDSEL signal,
the device number is repeated on AD[15:11].
0 1
7 8
15 16
20 21
23 24
29 30 31
Bus Number
000_0000
Reserved
Device Number
Function Number
Register Number
E
00
3116 15
2 1
IDSEL–Only One Signal High
00
Contents of PCI CFG_ADDR Register
PCI_AD[31:0] Signals
During Address Phase
See Table 16-63
Device/Function/Register Number
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com