Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 917 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 917 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 921Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 917 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-95
For PCI-X type 0 configuration cycles, the MPC8540 translates the device number field of PCI
CFG_ADDR into a unique IDSEL signal for up to 15 different devices. Each device connects its
IDSEL input to one of the AD[31:17] signals. For PCI-X type 0 configuration cycles, the
MPC8540 translates the device number to ADn as shown in Table 16-63.
For PCI-X type 0 translations, the function number and register number fields are copied without
modification onto PCI_AD[15:2] during the address phase. PCI_AD[1:0] are driven to 0b00
during the address phase for PCI-X type 0 configuration cycles. The MPC8540 implements
address stepping on configuration cycles so that the target’s IDSEL, which is connected directly
to one of the PCI_AD lines, reaches a stable value. This means that a valid address and command
are driven on PCI_AD[31:0] and PCI_C/BE[3:0] four clocks before the assertion of PCI_FRAME.
PCI-X configuration transactions include an attribute phase one clock cycle after the address
phase. The the attribute for a configuration transaction is similar to the DWORD transaction
attribute. For the configuration attribute, PCI_C/BE[3:0] provide the byte enables and AD[31:0]
are driven as shown in Figure 16-80.
Figure 16-80. AD[31:0] During PCI-X Configuration Attribute Phase
Table 16-63. PCI-X Type 0 Configuration—Device Number to ADn Translation
Device Number
AD Signal Used for IDSEL
Device Number
AD Signal Used for IDSEL
Binary
Decimal
Binary
Decimal
0b0_0000
0
—
0b0_1001
9
AD25
0b0_0001
1
AD17
0b0_1010
10
AD26
0b0_0010
2
AD18
0b0_1011
11
AD27
0b0_0011
3
AD19
0b0_1100
12
AD28
0b0_0100
4
AD20
0b0_1101
13
AD29
0b0_0101
5
AD21
0b0_1110
14
AD30
0b0_0110
6
AD22
0b0_1111
15
AD31
0b0_0111
7
AD23
0b1_xxxx
—
—
0b0_1000
8
AD24
0b1_1111 1
1 A device number of all ones indicates a PCI-X special-cycle or interrupt-acknowledge transaction.
31
—
000
Tag
Requester Bus Number
31
29
28
24
23
16
Requester Device Number
Requester Function
Number
Secondary Bus Number
15
11
10
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com