Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 914 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 914 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 910Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 918Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 914 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-92
Freescale Semiconductor
PCI/PCI-X Bus Interface
Figure 16-77. AD[31:0] During PCI-X Split Completion Attribute Phase
Table 16-61 describes the fields of the completer attribute for PCI-X split completion transactions.
16.4.3.6.4 Split Completion Messages
For PCI-X split completion transactions that include a split completion error or split completion
message, the transaction has a single DWORD data phase with the format shown in Figure 16-78.
Figure 16-78. PCI-X Split Completion Message Format
BCM
SCE
SCM
00000
Completer Bus Number
31
30
29
28
24
23
16
Completer Device Number
Completer Function
Number
Lower Byte Count
15
11
10
8
7
0
Table 16-61. PCI-X Split Completion Transaction Attribute Summary
AD
Name
Description
31
BCM
Byte count modified. The completer must set BCM if the byte count is less than the full
remaining byte count of the transaction. If the byte count is the full byte count of the split
request, the completer clears BCM.
30
SCE
Split completion error. The completer sets this bit to indicate the transaction is a split
completion message that includes an error message.
29
SCM
Split completion message. The completer clears this bit if the split completion contains read
data. The completer sets this bit if the split completion contains a split completion message.
28:24
—
Reserved. Must be 00000
23:16
Completer
Bus Number
The completer bus number attribute is supplied by the bus number field in the PCI-X status
register.
15:11
Completer
Device Number
The completer device number attribute is supplied by the device number field in the PCI-X
status register.
10:8
Completer
Function Number
The completer function number is assigned to the function in the completer by design.
7:0
Lower Byte
Count
For a split completion attribute phase, PCI_C/BE[3:0] is concatenated with AD[7:0] to
create a 12-bit byte count. The byte count indicates the number of bytes remaining in the
sequence.
Message Class
Message Index
0
Remaining Lower
Address
31
28
27
20
19
18
16
Remaining Lower Address
(cont.)
Remaining Byte Count
15
12
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com