Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 910 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 910 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 907Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 908Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 909Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 910Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 914Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-88
Freescale Semiconductor
PCI/PCI-X Bus Interface
Figure 16-72. DWORD (4-Byte) Write Transaction
Figure 16-73 shows a DWORD read transaction that can be used for a memory read DWORD or
an I/O read transaction. This example has two target initial wait states before data is transfered.
Figure 16-73. DWORD (4-Byte) Read Transaction
16.4.3.5 PCI-X Wait State and Termination Rules
PCI-X adds the following restrictions to wait state and disconnect rules:
•
Initiators are not permitted to insert wait states.
•
Targets are not permitted to insert wait states after the initial data phase; that is, targets are
only allowed to insert wait states on the initial data phase.
BE = Fh
PCI_CLK
PCI_FRAME
PCI_AD[31:0]
PCI_C/BE[3:0]
PCI_IRDY
PCI_TRDY
12
3
4
5
6
78
9
10
PCI_DEVSEL
ADDR
ATTR
CMD
ATTR
DATA0
PCI_CLK
PCI_FRAME
PCI_AD[31:0]
PCI_C/BE[3:0]
PCI_IRDY
PCI_TRDY
123
4
5
6
7
89
10
11
12
PCI_DEVSEL
ADDR
ATTR
ATTR
CMD
DATA0
BE = Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com