Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 906 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 906 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 907Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 908Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 909Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 910Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 906 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-84
Freescale Semiconductor
PCI/PCI-X Bus Interface
Table 16-59 describes the fields of the attribute for burst and DWORD transactions.
16.4.3.4 PCI-X Transactions
Figure 16-69 shows a typical PCI-X write transaction. To highlight some of the difference with the
PCI protocol, compare this to the PCI write transaction shown in Figure 16-58.
Table 16-59. Burst/DWORD Transaction Attribute Summary
AD
Name
Description
31
—
Reserved. Must be 0
30
NS
No snoop. This attribute indicates whether the sequence should be snooped for coherency.
0 The requester cannot guarantee that the locations between the starting and ending address,
inclusive, of this sequence are not stored in any cache in the system. Thus, all potentially
affected caches should be snooped.
1 The requester guarantees that the locations between the starting and ending address,
inclusive, of this sequence are not stored in any cache in the system. Thus, snooping is not
necessary.
29
RO
Relaxed ordering. This attribute indicates whether the requester requires a transaction to be
strictly ordered. In general, devices set the RO attribute for payload sequences and clear the RO
attribute for control and status sequences. Refer to the PCI-X Addendum to the PCI Bus
Specification for a complete discussion of usage models for relaxed transaction ordering.
0 The requester requires that the transaction remain in strict order.
1 The requester guarantees that the transaction is not required to remain in strict order.
28:24
Tag
The tag attribute identifies up to 32 unique sequences from a single initiator. Tag is also a
component of the sequence ID.
23:16
Requester
Bus Number
The requester bus number attribute is supplied by the bus number field in the PCI-X status
register. The requester bus number is also a component of the sequence ID.
15:11
Requester
Device
Number
The requester device number attribute is supplied by the device number field in the PCI-X status
register. The requester bus number is also a component of the sequence ID.
10:8
Requester
Function
Number
The requester function number attribute is supplied by the function number field in the PCI-X
status register. The requester bus number is also a component of the sequence ID.
7:0
Lower Byte
Count
For a burst transaction attribute phase, PCI_C/BE[3:0] is concatenated with AD[7:0] to create a
12-bit byte count. The byte count indicates the number of bytes the initiator plans to transfer in the
remainder of the sequence.
For DWORD transactions, the transaction has an implicit size of up to 4-bytes. Therefore, for
DWORD transactions, there is no byte count and AD[7:0] is reserved. PCI_C/BE[3:0] contain the
individual byte enables for DWORD transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com