Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 905 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 905 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 907Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 908Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 909Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 905 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-83
16.4.3.3 PCI-X Attribute Phase
PCI-X defines a new attribute phase that occurs one clock cycle after the address phase. During
the attribute phase, a specially encoded attribute is driven by the initiator on PCI_C/BE[3:0] and
AD[31:0]. PCI_C/BE[3:0] provide either the upper four bits of the byte count for burst
transactions or byte enables for DWORD transactions. Figure 16-68 shows PCI_AD[31:0]
attributes for burst and DWORD transactions.
The attributes for split completion transactions are described in Section 16.4.3.6, “PCI-X Split
Transactions,” and the attributes for PCI-X configuration transactions are described in
Section 16.4.3.7, “PCI-X Configuration Transactions.”
Figure 16-68. AD[31:0] During PCI-X Burst/DWORD Attribute Phase
1100
Split-
completion
Burst/
None
Yes
(as
completer)
Yes
(as
requester)
Similar to the memory-write command, but the
transaction is associated with a previous read or
write transaction that was terminated with a split
response.
1101
Dual-address-
cycle
—
Yes
Yes
Indicates the transfer a 64-bit address (in two 32-bit
address cycles) to 64-bit addressable devices. The
actual transaction command is transfered either on
PCI_C/BE[3:0] in the second address phase for a
32-bit bus or on PCI_C/BE[7:4] for a 64-bit bus.
1110
Memory-read-
block
Burst/
None
Yes
Yes
Indicates that an initiator is requesting the transfer
of a block of data.
1111
Memory-write-
block
Burst/
None
Yes
Yes
Indicates that an initiator is transferring a block of
data.
1 Reserved command encodings are reserved for future use. The MPC8540 does not respond to these commands.
0
NS
RO
Tag
Requester Bus Number
31
30
29
28
24
23
16
Requester Device Number
Requester Function
Number
Lower Byte Count
(Reserved for DWORD transactions)
15
11
10
8
7
0
Table 16-58. PCI-X Command Encodings (continued)
PCI_C/
BE[3:0]
PCI -X Bus
Command
Length/
Byte-Enable
Usage
MPC8540
Supports
as Initiator
MPC8540
Supports
as Target
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com