Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 903 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 903 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 907Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 903 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-81
16.4.3 PCI-X Bus Protocol
The PCI-X bus protocol is an enhancement of the PCI bus protocol that features a
backward-compatible, higher-bandwidth, 32- or 64-bit multiplexed address/data bus at
frequencies up to 133 MHz. The most significant of these enhancements are the following:
•
Slightly different command types define burst and DWORD transaction types
•
A new attribute phase for each transaction provides more information about the transaction
including a byte count, sequence ID, and handling instructions (for ordering and
cacheability)
•
Restricted wait state and disconnection rules
•
A new split transaction, consisting of a split response termination and one or more split
completions, replaces the delayed transaction functionality from the PCI bus protocol.
The following sections describe the new functionality of the PCI-X bus protocol.
16.4.3.1 PCI-X Terminology
The PCI-X Addendum to the PCI Local Bus Specification introduces terminology that is helpful
when describing aspects of the protocol. This terminology is introduced in context in the following
sections. However, three terms that are important to keep in mind throughout these sections are
defined as follows:
Sequence
A sequence is one or more transactions associated with carrying out a single
logical transfer by a requester. Each transaction in the same sequence carries
the same unique sequence ID.
Requester
A requester is an initiator that first introduces a transaction into the PCI-X
domain.If a transaction is terminated with a split response, the requester
becomes the target of the subsequent split completion.
Completer
A completer is the device addressed by a transaction (other than a split
completion transaction). If a target terminates a transaction with a split
response, the completer becomes the initiator of the subsequent split
completion.
Received SERR at any phase
Rcvd SERR error
—
Detected parity error for data phase
Trgt PERR error
Detected parity error
Cache line purged
Table 16-57. PCI Mode Error Actions (continued)
PCI Error Type
Error Detect
Register Bit
PCI Bus Status
Register Bit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com