Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 899 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 899 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 903Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 899 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-77
devices on the bus should ignore the interrupt-acknowledge command. As stated previously, the
MPC8540 PIC unit does not respond to PCI interrupt-acknowledge commands.
During the data phase, the responding device returns the interrupt vector on PCI_AD[63:0] when
PCI_TRDY is asserted. The size of the interrupt vector returned is indicated by the value driven
on PCI_C/BE[7:0].
The MPC8540 also can generate PCI interrupt-acknowledge transactions directly. Reads from PCI
INT_ACK at offset 0x0_8008 generate PCI interrupt-acknowledge transactions. Note that
processor writes to these addresses do nothing.
16.4.2.12.2Special-Cycle Transactions
The special-cycle command provides a mechanism to broadcast select messages to all devices on
the PCI bus. The special-cycle command contains no explicit destination address but is broadcast
to all PCI agents.
When the MPC8540 detects a write to PCI CFG_DATA, it checks the enable flag and the device
number in PCI CFG_ADDR. If the enable bit is set, the bus number corresponds to the local PCI
bus (bus number = 0x00), the device number is all ones (0b1_1111), the function number is all ones
(0b111), and the register number is zero (0b00_0000), then the MPC8540 performs a special-cycle
transaction on the local PCI bus. If the bus number indicates a nonlocal PCI bus, the MPC8540
performs a type 1 configuration cycle translation, similar to other configuration cycles for which
the bus number does not match.
Aside from the special-cycle command (PCI_C/BE[3:0] = 0b0001) the address phase contains no
other valid information. Although there is no explicit address, PCI_AD[63:0] are driven to a stable
state, and parity is generated. During the data phase, PCI_AD[63:0] contain the special-cycle
message and an optional data field. The special-cycle message is encoded on the
16 least-significant bits (PCI_AD[15:0]); the optional data field is encoded on the most-significant
16 lines (PCI_AD[31:16]). The special-cycle message encodings are assigned by the PCI SIG
steering committee. The current list of defined encodings are provided in Table 16-56.
Note that the MPC8540 does not automatically issue a special-cycle message when it enters any
of its power-saving modes. It is the responsibility of software to issue the appropriate special-cycle
message, if needed.
Table 16-56. Special-Cycle Message Encodings
PCI_AD[15:0]
Message
0x0000
SHUTDOWN
0x0001
HALT
0x0002
x86 architecture-specific
0x0003–0xFFFF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com