Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 896 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 896 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 900Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 896 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-74
Freescale Semiconductor
PCI/PCI-X Bus Interface
Code sequence:
stw r0, 0 (r1)
// Update PCI CFG_ADDR register to point to
//register offset 0x14 of device 1.
stwbrx r3, 0 (r2)
Results:
Address CCSRBAR + 0x0_8000 contains 0x8000_0814
Register at 0x14 contains 0x1122_3344 (0x17 to 0x14)
Example: Configuration sequence, 2-byte data write to PCI register at address offset 0x1C of
Device 1 on PCI/X bus 0.
Initial values:
r0 contains 0x8000_081C
r1 contains CCSRBAR + 0x0_8000
r2 contains CCSRBAR + 0x0_8004
r3 contains 0xDDCC_BBAA
Register at 0x1C contains 0xFFFF_FFFF (0x1F to 0x1C)
Code sequence:
stw r0, 0 (r1)
sthbrx r3, 0 (r2)
Results:
Address CCSRBAR + 0x0_8000 contains 0x8000_081C
Register at 0x1C contains 0xFFFF_BBAA (0x1F to 0x1C)
16.4.2.11.3 PCI Configuration in Agent and Agent Lock Modes
In general, agents should not access the configuration space of other external PCI devices.
Configuration of agents is a function usually reserved for the host. When the MPC8540 is in agent
mode, it responds to remote host-generated PCI/X configuration cycles. This occurs when a
configuration command is decoded along with the IDSEL input signal being asserted. When the
MPC8540 is in agent lock mode, it retries all externally-generated PCI/X configuration cycles
until the ACL bit in the PCI bus function register (0x44) is set. See Section 16.5.1, “Power-On
Reset Configuration Modes,” for more information.
In either agent or agent lock mode, access to the internal PCI/X configuration header by the
processor core is handled as described in Section 16.4.2.11.2, “Accessing the PCI Configuration
Space in Host Mode,” using device = 0 and bus = 0 in PCI CFG_ADDR to indicate the internal
PCI/X header.
16.4.2.11.4 PCI Type 0 Configuration Translation
Figure 16-66 shows the PCI type 0 translation function performed on the contents of the PCI
CFG_ADDR register to the PCI_AD[31:0] signals on the PCI bus during the address phase of the
configuration cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com