Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 893 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 893 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 889Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 890Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 891Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 893 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-71
16.4.2.11.1 PCI Configuration Space Header
Figure 16-65 shows the predefined header for all PCI devices.
Figure 16-65. Standard PCI Configuration Header
The first 64 bytes of the 256-byte configuration space consists of a predefined header that every
PCI device must support. The first 16 bytes of the predefined header are defined the same for all
PCI devices; the remaining 48 bytes of the header may have differing layouts depending on the
function of the device. Most PCI devices use the configuration header layout shown in
Figure 16-65. The rest of the 256-byte configuration space is device-specific. The PCI header
specific to the MPC8540 is described in Section 16.3.2, “PCI/X Configuration Header.”
Table 16-54 summarizes the configuration header registers. Detailed descriptions of these
registers are provided in the PCI Local Bus Specification, Rev. 2.2.
Device ID
Vendor ID
Status
Command
Class Code
Revision ID
BIST
Latency Timer
Header Type
Cache Line Size
Max_Lat
Interrupt Pin
Min_Gnt
Interrupt Line
0x00
0x04
0x08
0x3C
Address
Offset
0x2C
0x14
0x18
0x1C
0x20
0x24
0x28
0x30
0x34
0x38
0x10
0x0C
Expansion ROM Base Address
Reserved
Reserved
Reserved
Base Address Registers
Subsystem ID
Subsystem Vendor ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com