Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 890 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 890 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 887Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 888Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 889Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 890Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 891Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 894Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 890 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-68
Freescale Semiconductor
PCI/PCI-X Bus Interface
The three disconnect terminations are unique in the data transferred at the end of the transaction.
For disconnect A, the initiator is negating PCI_IRDY when the target asserts PCI_STOP and data
is transferred only at the end of the current data phase. For disconnect B, the target negates
PCI_TRDY one clock after it asserts PCI_STOP, indicating that the target can accept the current
data, but no more data can be transferred. For disconnect-without-data, the target asserts
PCI_STOP when PCI_TRDY is negated indicating that the target cannot accept any more data.
16.4.2.9 Fast Back-to-Back Transactions
The PCI bus allows fast back-to-back transactions by the same master. During a fast back-to-back
transaction, the initiator starts the next transaction immediately without an idle state. The last data
phase completes when PCI_FRAME is negated, and PCI_IRDY and PCI_TRDY are asserted. The
current master starts another transaction in the clock cycle immediately following the last data
transfer for the previous transaction.
Fast back-to-back transactions must avoid contention on the PCI_TRDY, PCI_DEVSEL,
PCI_PERR, and PCI_STOP signals. There are two types of fast back-to-back transactions—those
that access the same target and those that access multiple targets sequentially. The first type places
the burden of avoiding contention on the initiator; the second type places the burden of avoiding
contention on all potential targets.
As an initiator, the MPC8540 does not perform any fast back-to-back transactions. As a target, the
MPC8540 supports both types of fast back-to-back transactions.
During fast back-to-back transactions, the MPC8540 monitors the bus states to determine if it is
the target of a transaction. If the previous transaction was not directed to the MPC8540 and the
current transaction is directed at the MPC8540, it delays the assertion of PCI_DEVSEL (as well
as PCI_TRDY, PCI_STOP, and PCI_PERR) for one clock cycle to allow the other target to stop
driving the bus.
16.4.2.10 Dual Address Cycles
The MPC8540 supports dual address cycle (DAC) commands (64-bit addressing on PCI bus) as
both an initiator and a target. DACs are different from single address cycles (SACs) in that the
address phase takes two PCI beats instead of one PCI beat to transfer (64-bit vs. 32-bit addressing).
Only PCI memory commands can use DAC cycles; I/O, configuration, interrupt acknowledge, and
special cycle command cannot use DAC cycles. The MPC8540 block supports single-beat and
burst DAC transactions.
For the case of the local processor, DAC generation depends on the setting of the POTEARx. If
the POTEARx are programmed with nonzero values and a transaction from the local processor
core hits in one of the outbound windows, a DAC transaction is generated on the PCI bus with the
translated lower 32-bit addresses. Refer to Section 16.3.1.2, “PCI/X ATMU Outbound Registers,”
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com