Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 887 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 887 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 887Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 888Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 889Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 890Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 891Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-65
transactions are concluded when PCI_FRAME and PCI_IRDY are both negated, indicating the
bus is idle.
16.4.2.8.1 Master-Initiated Termination
Normally, a master initiates termination by negating PCI_FRAME and asserting PCI_IRDY. This
indicates to the target that the final data phase is in progress. The final data transfer occurs when
both PCI_TRDY and PCI_IRDY are asserted. The transaction is considered complete when data
is transferred in the last data phase. After the final data phase, both PCI_FRAME and PCI_IRDY
are negated (the bus becomes idle).
There are three types of master-initiated termination:
•
Completion—Refers to termination when the initiator has concluded its intended
transaction. This is the most common reason for termination.
•
Timeout—Refers to termination when the initiator loses its bus grant (GNTn is negated),
and its internal latency timer has expired. The intended transaction is not necessarily
concluded.
•
Master-abort—An abnormal case of master-initiated termination. If no device (including
the subtractive decoding agent) asserts PCI_DEVSEL to claim a transaction, the initiator
terminates the transaction with a master-abort. For a master-abort termination, the initiator
negates PCI_FRAME and then negates PCI_IRDY on the next clock. If a transaction is
terminated by master-abort (except for a special-cycle command), the received
master-abort bit (bit 13) of the PCI bus status register is set.
As an initiator, if the MPC8540 does not detect the assertion of PCI_DEVSEL within four clock
cycles following the address phase (five clock cycles after asserting PCI_FRAME), it terminates
the transaction with a master-abort.
16.4.2.8.2 Target-Initiated Termination
By asserting PCI_STOP, a target may request that the initiator terminate the current transaction.
Once asserted, the target holds PCI_STOP asserted until the initiator negates PCI_FRAME. Data
may or may not be transferred during the request for termination. If PCI_TRDY and PCI_IRDY
are asserted during the assertion of PCI_STOP, data is transferred. However, if PCI_TRDY is
negated when PCI_STOP is asserted, it indicates that the target will not transfer any more data;
therefore, the initiator does not wait for a final data transfer as it would in a completion
termination.
When a transaction is terminated by PCI_STOP, the initiator must negate its REQn signal for a
minimum of two PCI clock cycles, (one corresponding to when the bus goes to the idle state
(PCI_FRAME and PCI_IRDY negated)). If the initiator intends to complete the transaction, it can
reassert its REQn immediately following the two clock cycles. If the initiator does not intend to
complete the transaction, it can assert REQn whenever it needs to use the PCI bus again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com