Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 884 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 884 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 887Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 888Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 884 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-62
Freescale Semiconductor
PCI/PCI-X Bus Interface
similar for the memory and I/O spaces, so they are described as generic read transactions and
generic write transactions.
The timing diagrams in this section show the relationship of significant signals involved in bus
transactions. When a signal is drawn as a solid line, it is actively being driven by the current master
or target. When a signal is drawn as a dashed line, no agent is actively driving it. High-impedance
signals are indicated to have indeterminate values when the dashed line is between the two rails.
The terms ‘edge’ and ‘clock edge’ always refer to the rising edge of the clock; ‘asserted’ and
‘negated’ always refer to the globally visible state of the signal on the clock edge, and not to signal
transitions. ‘
’ represents a turnaround cycle in the timing diagrams.
16.4.2.7.1 PCI Read Transactions
This section describes PCI single-beat read transactions and PCI burst read transactions.
A read transaction starts with the address phase, occurring when an initiator asserts PCI_FRAME.
During the address phase, PCI_AD[63:0] contains a valid address and PCI_C/BE[7:0] contains a
valid bus command.
The first data phase of a read transaction requires a turnaround cycle. This allows the transition
from the initiator driving PCI_AD[63:0] as address signals to the target driving PCI_AD[63:0] as
data signals. The turnaround cycle is enforced by the target with the TRDY signal. The target
provides valid data at the earliest one cycle after the turnaround cycle. The target must drive the
PCI_AD[63:0] signals when PCI_DEVSEL is asserted.
During the data phase, the PCI_C/BE[7:0] signals indicate which byte lanes are involved in the
current data phase. A data phase may consist of a data transfer and wait cycles. The
PCI_C/BE[7:0] signals remain actively driven for both reads and writes from the first clock of the
data phase through the end of the transaction.
A data phase completes when data is transferred, which occurs when both PCI_IRDY and
PCI_TRDY are asserted on the same clock edge. When either PCI_IRDY or PCI_TRDY is
negated, a wait cycle is inserted and no data is transferred. The initiator indicates the last data
phase by negating PCI_FRAME when PCI_IRDY is asserted. The transaction is considered
complete when data is transferred in the last data phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com