Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 880 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 880 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 884Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-58
Freescale Semiconductor
PCI/PCI-X Bus Interface
Table 16-52. PCI Bus Commands
PCI_C/
BE[3:0]
PCI Bus
Command
MPC8540
Supports as
an Initiator
MPC8540
Supports
as a Target
Definition
0000
Interrupt-
acknowledge
Yes
No
A read (implicitly addressing the system interrupt controller).
Only one device on the PCI bus should respond to this
command; others ignore it. See Section 16.4.2.12.1,
“Interrupt-Acknowledge Transactions,” for more information.
0001
Special cycle
Yes
No
Provides a way to broadcast select messages to all devices on
the PCI bus. See Section 16.4.2.12.2, “Special-Cycle
Transactions,” for more information.
0010
I/O-read
Yes
No
Accesses agents mapped into the PCI I/O space.
0011
I/O-write
Yes
No
Accesses agents mapped into the PCI I/O space.
0100
Reserved1
1 Reserved command encodings are reserved for future use. The MPC8540 does not respond to these commands.
No
No
—
0101
Reserved1
No
No
—
0110
Memory-read
Yes
Yes
Accesses either local memory or agents mapped into PCI
memory space, depending on the address. When a PCI
master issues this command to local memory, the MPC8540
(the target) fetches data from the requested address to the end
of the cache line (32 bytes) from local memory, even though all
of the data may not be requested by (or sent to) the initiator.
0111
Memory-write
Yes
Yes
Accesses either local memory or agents mapped into PCI
memory space, depending on the address.
1000
Reserved1
No
No
—
1001
Reserved1
No
No
—
1010
Configuration-
read
Yes
Agent mode
only
Access the 256-byte configuration space of a PCI agent. A
specific agent is selected when its IDSEL signal is asserted
during the address phase. See Section 16.4.2.11,
“Configuration Cycles,” for details.
1011
Configuration-
write
Yes
Agent mode
only
1100
Memory-read-
multiple
Yes
Yes
Similar to the memory-read command, but also causes a
prefetch of the next cache line (32 bytes).
1101
Dual-address-
cycle
Yes
Yes
Used to transfer a 64-bit address (in two 32-bit address cycles)
to 64-bit addressable devices.
1110
Memory-read-
line
Yes
Yes
Indicates that an initiator is requesting the transfer of an entire
cache line. This occurs only when the processor is performing
a burst read. Note that these processors perform burst reads
only when the appropriate cache is enabled and the
transaction is not cache-inhibited.
1111
Memory-write-
and-invalidate
No
Yes
Indicates that an initiator is transferring an entire cache line; if
this data is in any cacheable memory, that cache line needs to
be invalidated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com