Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 878 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 878 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 878 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-56
Freescale Semiconductor
PCI/PCI-X Bus Interface
16.4.1.2 PCI/X Bus Parking
When no device is using or requesting the bus, the PCI/X arbiter grants the bus to a selected device.
This is known as parking the bus on the selected device. The selected device is required to drive
the PCI_AD[31:0], PCI_C/BE[0:3], and the PCI/X parity signals to a stable value, preventing
these signals from floating.
The parking mode parameter (PBACR[PM]) determines which device the arbiter selects for
parking the PCI/X bus. If PBACR[PM] = 0 (or if the bus is not idle), then the bus is parked on the
last master to use the bus. If the bus is idle and PBACR[PM] = 1, the bus is parked on the
MPC8540.
16.4.1.3 Broken Master Lock-Out (PCI only)
The PCI bus arbiter on the MPC8540 has a feature that allows it to lock out any masters that are
broken or ill-behaved. The broken master feature is controlled by programming bit 12 of the PCI
bus arbitration control register (0 = enabled, 1 = disabled). Note that the PCI-X bus arbiter does
not support the broken master lockout function.
When the broken master feature is enabled, a granted device that does not assert PCI_FRAME
within 16 PCI clock cycles after the bus is idle, has its grant removed and subsequent requests are
ignored until its REQ is negated for at least one clock cycle. This prevents ill-behaved masters
from monopolizing the bus. When the broken master feature is disabled, a device that requests the
bus and receives a grant never loses its grant until and unless it begins a transaction or negates its
REQ signal. Note that disabling the broken master feature is not recommended.
16.4.1.4 Power-Saving Modes and the PCI Arbiter
In the sleep power-saving mode, the clock signal driving SYSCLK can be disabled. If the clock is
disabled, arbitration logic cannot perform its function. System programmers must park the bus
with a device that can sustain the PCI_AD[31:0], PCI_C/BE[3:0], and parity signals prior to
disabling the SYSCLK signal. If the bus is parked on the MPC8540 when its clocks are stopped,
the MPC8540 sustains the PCI_AD[31:0], PCI_C/BE[3:0], and parity signals in their prior states.
In this situation, the only way for another agent to use the PCI bus is by waking the MPC8540. In
the doze or nap power-saving modes, the arbiter continues to operate allowing other PCI devices
to run transactions.
16.4.2 PCI Bus Protocol
This section provides a general description of the PCI bus protocol. Specific PCI bus transactions
are described in Section 16.4.2.7, “PCI Bus Transactions.” Refer to Figure 16-55, Figure 16-56,
Figure 16-57, and Figure 16-58 for examples of the transfer-control mechanisms described in this
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com