Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 879 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 879 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 879 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-57
All signals are sampled on the rising edge of the PCI bus clock (SYSCLK). Each signal has a setup
and hold aperture with respect to the rising clock edge in which transitions are not allowed.
Outside this aperture, signal values or transitions have no significance. See the MPC8540
Integrated Processor Hardware Specifications for specific setup and hold times.
16.4.2.1 Basic Transfer Control
The basic PCI bus transfer mechanism is a burst, composed of an address phase followed by one
or more data phases. Fundamentally, all PCI data transfers are controlled by three
signals—PCI_FRAME (frame), PCI_IRDY (initiator ready), and PCI_TRDY (target ready). An
initiator asserts PCI_FRAME to indicate the beginning of a PCI bus transaction and negates
PCI_FRAME to indicate the end of a PCI bus transaction. An initiator negates PCI_IRDY to force
wait cycles. A target negates PCI_TRDY to force wait cycles.
The PCI bus is considered idle when both PCI_FRAME and PCI_IRDY are negated. The first
clock cycle in which PCI_FRAME is asserted indicates the beginning of the address phase. The
address and bus command code are transferred in that first cycle. The next cycle begins the first
of one or more data phases. Data is transferred between initiator and target in each cycle that both
PCI_IRDY and PCI_TRDY are asserted. Wait cycles may be inserted in a data phase by the
initiator (by negating PCI_IRDY) or by the target (by negating PCI_TRDY).
Once an initiator has asserted PCI_IRDY, it cannot change PCI_IRDY or PCI_FRAME until the
current data phase completes regardless of the state of PCI_TRDY. Once a target has asserted
PCI_TRDY or PCI_STOP, it cannot change PCI_DEVSEL, PCI_TRDY, or PCI_STOP until the
current data phase completes. In simpler terms, once an initiator or target has committed to the data
transfer, it cannot change its mind.
When the initiator intends to complete only one more data transfer (which could be immediately
after the address phase), PCI_FRAME is negated and PCI_IRDY is asserted (or kept asserted),
indicating the initiator is ready. After the target indicates the final data transfer (by asserting
PCI_TRDY), the PCI bus may return to the idle state (both PCI_FRAME and PCI_IRDY are
negated) unless a fast back-to-back transaction is in progress. In the case of a fast back-to-back
transaction, an address phase immediately follows the last data phase.
16.4.2.2 PCI Bus Commands
A PCI bus command is encoded in PCI_C/BE[3:0] during the address phase of a PCI transaction.
The bus command indicates to the target the type of transaction the initiator is requesting.
Table 16-52 describes the PCI bus commands implemented by the MPC8540.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com