Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 881 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 881 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 885Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 881 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-59
16.4.2.3 Addressing
PCI defines three physical address spaces—PCI memory space, PCI I/O space, and PCI
configuration space. Access to the PCI memory and I/O space is straightforward, although one
must take into account the local memory access window and address translation being used. The
address translation registers are described in Section 16.3.1, “PCI/X Memory Mapped Registers.”
Access to the PCI configuration space is described in Section 16.4.2.11, “Configuration Cycles.”
Address decoding on the PCI bus is performed by every device for every PCI transaction. Each
agent is responsible for decoding its own address. PCI supports two types of address
decoding—positive decoding and subtractive decoding. For positive decoding, each device looks
for accesses in the address range that the device has been assigned. For subtractive decoding, one
device on the bus looks for accesses that no other device has claimed. See Section 16.4.2.4,
“Device Selection,” for information about claiming transactions.
The information contained in the two low-order address bits (PCI_AD[1:0]) varies by the address
space (memory, I/O, or configuration). Regardless of the encoding scheme, the two low-order
address bits are always included in parity calculations.
16.4.2.3.1 Memory Space Addressing
For memory accesses, PCI defines two types of burst ordering controlled by the two low-order bits
of the address—linear incrementing (PCI_AD[1:0] = 0b00) and cache wrap mode
(PCI_AD[1:0] = 0b10), as shown in Table 16-53. The other two PCI_AD[1:0] possibilities (0b01
and 0b11) are reserved. As an initiator, the MPC8540 always encodes PCI_AD[1:0] = 00 for PCI
memory space accesses. As a target, the MPC8540 executes a target disconnect after the first data
phase completes if PCI_AD[1:0] = 01 or PCI_AD[1:0] = 0b11 during the address phase of a local
memory access. See Section 16.4.2.8.2, “Target-Initiated Termination,” for more information on
target disconnect conditions.
For linear incrementing mode, the memory address is encoded/decoded using PCI_AD[63:2].
Thereafter, the address is incremented by 4 bytes after each data phase completes until the
transaction is terminated or completed (a 4-byte data width per data phase is implied). Note that
the two low-order bits on the address bus are included in all parity calculations.
Table 16-53. Supported Combinations of PCI_AD[1:0]
PCI_AD[1:0]
MPC8540 as Target
MPC8540 as Initiator
Read
Write
Read
Write
00
Linear
√√√√
01
Reserved
TD
TD
—
—
10
Cache Wrap
√
TD
—
—
11
Reserved
TD
TD
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com